データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25010Q1MHX/NOPB データシート(PDF) 6 Page - Texas Instruments

部品番号 LM25010Q1MHX/NOPB
部品情報  LM25010, LM25010-Q1 42-V, 1-A Step-Down Switching Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LM25010Q1MHX/NOPB データシート(HTML) 6 Page - Texas Instruments

Back Button LM25010Q1MHX/NOPB Datasheet HTML 2Page - Texas Instruments LM25010Q1MHX/NOPB Datasheet HTML 3Page - Texas Instruments LM25010Q1MHX/NOPB Datasheet HTML 4Page - Texas Instruments LM25010Q1MHX/NOPB Datasheet HTML 5Page - Texas Instruments LM25010Q1MHX/NOPB Datasheet HTML 6Page - Texas Instruments LM25010Q1MHX/NOPB Datasheet HTML 7Page - Texas Instruments LM25010Q1MHX/NOPB Datasheet HTML 8Page - Texas Instruments LM25010Q1MHX/NOPB Datasheet HTML 9Page - Texas Instruments LM25010Q1MHX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
LM25010, LM25010-Q1
SNVS419E – DECEMBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM25010 LM25010-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C, minimum and maximum limits apply over TJ = –40°C to 125°C, VIN = 24 V, and
RON = 200 kΩ (unless otherwise noted).
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
175
°C
Thermal shutdown hysteresis
20
°C
(1)
All minimum and maximum limits are specified by correlating the electrical characteristics to process and temperature variations while
applying statistical process control.
6.7 Switching Characteristics
Typical values correspond to TJ = 25°C, minimum and maximum limits apply over TJ = –40°C to 125°C, and VIN = 24 V
(unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS(ON)
Buck switch
fSW = 200 mA
TJ ≤ 125°C
0.35
0.8
TJ ≤ 150°C
0.85
UVLOGD
Gate drive UVLO
VBST - VSW increasing
1.7
3
4
V
UVLOGD hysteresis
400
mV
OFF TIMER
tOFF
Minimum OFF-time
260
ns
ON TIMER
tON – 1
ON-time
VIN = 10 V, RON = 200 kΩ
2.1
2.75
3.4
µs
tON – 2
ON-time
VIN = 42 V, RON = 200 kΩ
500
695
890
ns
Figure 1. Start-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35