| データシートサーチシステム |
|
810 データシート(PDF) 5 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
810 データシート(HTML) 5 Page - 3M Electronics |
|
5 / 8 page ![]() 3 Electronic Solutions Division Interconnect Solutions http://www.3Mconnectors.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle 810 Series TS-0253-K Sheet 5 of 7 .050 ± .002 [1.27] ∅ .025 ± .003 [0.64] .100 ± .002 [2.54] .045 - .060 [1.14] - [1.52] .025 - .035 [0.64] - [0.89] *Solder Thief Solder Pads required only on Solder side of PC Board. View A *Solder Thief Solder Pads (See Note2) VIEW A 2X .205 ± .003 [5.21] .050 ± .002 Typ [1.27] Tolerance Noncumulative Flow Solder Direction .160 Min [4.06] .050 ± .003 [1.27] .100 ± .002 [2.54] .225 Min [5.72] .100 ± .002 [2.54] 2X ∅ .109 ± .002 [2.77] D ± .002 E ∅ .025 ± .003 Typ [0.64] View A Table 6 Ejector/Latches Dimension E (Min) None .215 [5.46] Long .650 [16.51] Short .525 [13.34] Inch [Imm] Tolerance Unless Noted .0 .00 .000 Inch ±.1 ±.01 ±.005 [ ] Dimensions for Reference Only Recommended Mounting Hole Pattern PTH Vertical Header (shown for mounting side of PC Board) Note: 1. Recommended to process PC Boards through the solder bath such that the connector enters end first (two solder tails at a time). This will help prevent solder bridging. 2. A Solder Thief Solder Pad (Dummy Pad) at the end of each row is recommended on the bottom or solder side of the PC Board in order to help prevent solder bridging on the end solder tails. The Solder Thiefs are only required on the end of the rows which leave the solder bath last. |