データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC285 データシート(PDF) 1 Page - Hittite Microwave Corporation

部品番号 HMC285
部品情報  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITTITE [Hittite Microwave Corporation]
ホームページ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC285 データシート(HTML) 1 Page - Hittite Microwave Corporation

  HMC285_07 Datasheet HTML 1Page - Hittite Microwave Corporation HMC285_07 Datasheet HTML 2Page - Hittite Microwave Corporation HMC285_07 Datasheet HTML 3Page - Hittite Microwave Corporation HMC285_07 Datasheet HTML 4Page - Hittite Microwave Corporation HMC285_07 Datasheet HTML 5Page - Hittite Microwave Corporation HMC285_07 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8
8 - 134
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC285 / 285E
v02.0907
General Description
Features
Functional Diagram
No External Components Required
LO / RF Isolation: 30 dB
Input IP3: +21 dBm
Ultra Small SOT26 Package
Electrical Specifications, T
A = +25° C, As a Function of IF Frequency
Typical Applications
The HMC285 / HMC285E is ideal for:
• PCS
• W-CDMA
• 2.4 GHz ISM
• MMDS
The HMC285 & HMC285E are ultra miniature single
balanced mixers in 6 lead plastic surface mount SOT26
packages. This passive MMIC mixer is constructed of
GaAs Schottky diodes and a novel planar transformer
balun on the chip. The RF port is balanced via the
MMIC balun while the LO port is connected directly
to the diodes. The consistent MMIC performance will
improve system operation without the need for exter-
nal components. The SOT26 package is the small-
est footprint available for a complete single-balanced
mixer, 0.118” x 0.118” (3.0mm x 3.0mm).
GaAs MMIC SMT SINGLE
BALANCED MIXER, 1.7 - 3.5 GHz
Parameter
LO = +10 dBm
IF = 100 MHz
LO = +10 dBm
IF = 400 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
2 - 3.5
1.7 - 2.8
GHz
Frequency Range, IF
DC - 0.9
DC - 0.9
GHz
Conversion Loss
9
11
9.5
11.5
dB
Noise Figure (SSB)
9
11
9.5
11.5
dB
LO to RF Isolation
20
30
25
35
dB
LO to IF Isolation
11
20
14
20
dB
IP3 (Input)
17
21
16
20
dBm
1 dB Compression (Input)
7
11
6
10
dBm


同様の部品番号 - HMC285_07

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results

同様の説明 - HMC285_07

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC285 HITTITE-HMC285 Datasheet
215Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC304MS8 HITTITE-HMC304MS8_08 Datasheet
181Kb / 6P
GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com