データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAR43A データシート(PDF) 4 Page - STMicroelectronics

部品番号 BAR43A
部品情報  SMALL SIGNAL SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAR43A データシート(HTML) 4 Page - STMicroelectronics

  BAR43A Datasheet HTML 1Page - STMicroelectronics BAR43A Datasheet HTML 2Page - STMicroelectronics BAR43A Datasheet HTML 3Page - STMicroelectronics BAR43A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PACKAGE MECHANICAL DATA
SOT 23 (Plastic)
B
E
S
e
e1
A
D
c
L
H
A1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.89
1.4
0.035
0.055
A1
0
0.1
0
0.004
B
0.3
0.51
0.012
0.02
c
0.085
0.18
0.003
0.007
D
2.75
3.04
0.108
0.12
e
0.85
1.05
0.033
0.041
e1
1.7
2.1
0.067
0.083
E
1.2
1.6
0.047
0.063
H
2.1
2.75
0.083
0.108
L
0.6 typ.
0.024 typ.
S
0.35
0.65
0.014
0.026
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in lifesupport devices or systems without express writtenapproval
of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
FOOT PRINT DIMENSIONS
0.9
0.035
0.9
0.035
1.9
0.075
mm
inch
1.45
0.037
0.9
0.035
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BAR42
D94
SOT-23
0.01g
3000
Tape & reel
BAR43
D95
SOT-23
0.01g
3000
Tape & reel
BAR43S
DB1
SOT-23
0.01g
3000
Tape & reel
BAR43C
DB2
SOT-23
0.01g
3000
Tape & reel
BAR43S
DA5
SOT-23
0.01g
3000
Tape & reel
Epoxy meets UL94,V0
BAR 42/BAR 43, A, C, S
4/4



Html Pages

1 2 3 4