| データシートサーチシステム |
|
LMP2232AMA/NOPB データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMP2232AMA/NOPB データシート(HTML) 21 Page - Texas Instruments |
|
21 / 35 page ![]() ADC121S021 IN V + LM4140A 6 2 1,4,7,8 3 V + 1 PF + - 0.1 PF 10 PF VA V + + - + - - + 12 k: 10 k: 40 k: ½ LMP2232 R+'R R+'R R R V + V + V + 12 k: 10 k: 40 k: 1 k: ½ LMP2232 GND ½ LMP2232 ½ LMP2232 EXCITATION SOURCE R1 R2 R3 R4 VOUT (a) VOUT 1 + R3 R1 ¨ ¨ © § 1 + R4 R2 ¨ ¨ © § R3 R1 - R4 R2 x VSOURCE = EXCITATION SOURCE R + 'R R - 'R R - 'R R + 'R VOUT (b) VOUT = 'R R x VSOURCE LMP2232 www.ti.com SNOSB02C – JANUARY 2008 – REVISED MARCH 2013 Figure 50(a) shows a typical bridge sensor and Figure 50(b) shows the bridge with four sensors. R in Figure 50(b) is the nominal value of the sense resistor and the deviations from R are proportional to the quantity being measured. Figure 50. Bridge Sensor Instrumentation amplifiers are great for interfacing with bridge sensors. Bridge sensors often sense a very small differential signal in the presence of a larger common mode voltage. Instrumentation amplifiers reject this common mode signal. Figure 51 shows a strain gauge bridge amplifier. In this application one of the LMP2232 amplifiers is used to buffer the LM4140A's precision output voltage. The LM4140A is a precision voltage reference. The other three amplifiers in the LMP2232 are used to form an instrumentation amplifier. This instrumentation amplifier uses the LMP2232's high CMRR and low VOS and TCVOS to accurately amplify the small differential signal generated by the output of the bridge sensor. This amplified signal is then fed into the ADC121S021 which is a 12-bit analog to digital converter. This circuit works on a single supply voltage of 5V. Figure 51. Strain Gage Bridge Amplifier Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: LMP2232 |