| データシートサーチシステム |
|
LP5523TMX/NOPB.B データシート(PDF) 44 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5523TMX/NOPB.B データシート(HTML) 44 Page - Texas Instruments |
|
44 / 61 page ![]() 44 LP5523 SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017 www.ti.com Product Folder Links: LP5523 Submit Documentation Feedback Copyright © 2009–2017, Texas Instruments Incorporated 7.6.5 LED Mapping Instructions These instructions define the engine-to-LED mapping. The mapping information is stored in a table, which is stored in the SRAM (program memory of the LP5523). LP5523 has three program execution engines which can be mapped to 9 LED drivers or to one GPO pin. One engine can control one or multiple LED drivers. There are totally eleven instructions for the engine-to-LED-driver control: mux_ld_start, mux_map_start, mux_ld_end, mux_sel, mux_clr, mux_map_next, mux_map_prev, mux_ld_next, mux_ld_prev, mux_ld_addr and mux_map_addr. MUX_LD_START; MUX_LD_END Mux_ld_start and mux_ld_end define the mapping table location in the memory. NAME VALUE (d) DESCRIPTION SRAM address 0-95 Mapping table start/end address MUX_MAP_START Mux_map_start defines the mapping table start address in the memory, and the first row of the table is activated (mapped) at the same time. NAME VALUE (d) DESCRIPTION SRAM address 0-95 Mapping table start address MUX_SEL With mux_sel instruction one, and only one, LED driver (or the GPO-pin) can be connected to a program execution engine. Connecting multiple LEDs to one engine is done with the mapping table. After the mapping has been released from an LED, PWM register value still controls the LED brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO state. NAME VALUE (d) DESCRIPTION LED select 0-16 0 = no drivers selected 1 = LED1 selected 2 = LED2 selected ... 9 = LED9 selected 16 = GPO MUX_CLR Mux_clr clears engine-to-driver mapping. After the mapping has been released from an LED, the PWM register value still controls the LED brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO state. MUX_MAP_NEXT This instruction sets the next row active in the mapping table each time it is called. For example, if the 2nd row is active at this moment, after mux_map_next instruction call the 3rd row is active. If the mapping table end address is reached, activation rolls to the mapping table start address next time when the mux_map_next instruction is called. Engine does not push a new PWM value to the LED driver output before set_pwm or ramp instruction is executed. If the mapping has been released from an LED, the value in the PWM register still controls the LED brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO state. MUX_LD_NEXT Similar than the mux_map_next instruction, but only the index pointer is set to point to the next row; that is, no mapping is set, and the engine-to-LED-driver connection is not updated. MUX_MAP_PREV |