| データシートサーチシステム |
|
SPFIT04MS データシート(PDF) 9 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
SPFIT04MS データシート(HTML) 9 Page - Positronic. |
|
9 / 16 page ![]() Positronic Scorpion General Information THE SCIENCE OF CERTAINTY connectpositronic.com 9 Size 16 Temperature rise (°C) A Developed with (2) #16 high conductivity contacts seated in code B modules. B Developed with (2) #16 standard conductivity contacts seated in code B modules. Size 18 Temperature rise (°C) A Developed with (6) #18 high conductivity contacts seated in code Z modules. B Developed with (6) #18 standard conductivity contacts seated in code Z modules. Size 16 Temperature rise (°C) A Developed with (8) #16 high conductivity contacts seated in code CC modules. B Developed with (8) #16 standard conductivity contacts seated in code CC modules. TEMPERATURE RISE CURVES Tested per IEC Publication 60512-3, Test 5a A A B B A B MATING DIMENSIONS Straight PCB mount (Male) to Panel Mount Crimp (Female) 25.50 [1.004] Straight PCB Mount (Male) to Straight PCB Mount (Female) 26.30 [1.035] Panel Mount Crimp (Male) to Panel Mount Crimp (Female) 24.70 [0.972] Right Angle Board Mount (Male) to Panel Mount Crimp (Female) 22.40 [0.882] Right Angle Board Mount (Male) to Straight PCB Mount (Female) 23.20 [0.913] Right Angle Board Mount (Male) to Right Angle Board Mount (Female) 20.10 [0.791] |