| データシートサーチシステム |
|
PTH12020LAH.B データシート(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PTH12020LAH.B データシート(HTML) 12 Page - Texas Instruments |
|
12 / 27 page ![]() Designing for Very Fast Load Transients PTH12020W/L SLTS208I – MAY 2003 – REVISED MARCH 2009 ............................................................................................................................................................. www.ti.com The transient response of the DC/DC converter has been characterized using a load transient with a di/dt of 1A/µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the optional value of output capacitance. As the di/dt of a transient is increased, the response of a converter's regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation with any DC/DC converter once the speed of the transient exceeds its bandwidth capability. If the target application specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional output capacitor decoupling. In these cases special attention must be paid to the type, value and ESR of the capacitors selected. If the transient performance requirements exceed that specified in the data sheet, or the total amount of load capacitance is above 3000 µF, the selection of output capacitors becomes more important. 12 Submit Documentation Feedback Copyright © 2003–2009, Texas Instruments Incorporated Product Folder Link(s) :PTH12020W/L |