| データシートサーチシステム |
|
3901 データシート(PDF) 2 Page - Adafruit Industries |
|
|
|||||||||||||||||||||||||||||
3901 データシート(HTML) 2 Page - Adafruit Industries |
|
2 / 2 page ![]() This little scope connects to your Chibi Chip's "TXT" output. Want to debug, display sensor values, or code text-based events? Use the default “text” mode! Want to check how full your battery is? Chibi Scope also goes into “volts” mode, showing the current input voltage like a multimeter. And it's got one more party trick: press the button again, and the Chibi Scope transitions into “wave” mode, displaying the shape of the voltage on its input pin over time, similar to an oscilloscope. Keep in mind the Chibi Scope is sold separately from the Chibi Chip and Chibi Clip (but we stock 'em in the shop so just pick up both!) The Chibi Scope can display any serial text at 9600 baud (9600-N-8-1 for the technically inclined), so it also works with a wide range of other development boards, including Raspberry Pis and Arduinos. This kit contains: • Chibi Scope display • 3 x Alligator Cables https://www.adafruit.com/product/3901 8-14-18 |