| データシートサーチシステム |
|
58XX-54X-SVC-RTF データシート(PDF) 4 Page - Edgecore Networks Corporation |
|
|
|||||||||||||||||||||||||||||
58XX-54X-SVC-RTF データシート(HTML) 4 Page - Edgecore Networks Corporation |
|
4 / 4 page ![]() EC-DS-0723-R06 Ordering Information Warranty Please check www.edge-core.com for the warranty terms in your country. For More Information To find out more about Edgecore Networks Corporation productsand solutions, visit www.edge-core.com. About Edgecore Networks Corporation Edgecore Networks Corporation is in the business of providing innovative network solutions. In the service provider network, in the data center or in the cloud, Edgecore Networks Corporation delivers the soſtware and systems that transform the way the world connects. Edgecore Networks Corporation serves customers and partners worldwide. Additional information can be found at www.edge-core.com. Edgecore Networks Corporation is a subsidiary of Accton Technology Corporation, the leading network ODM company. The Edgecore data center switches are developed and manufactured by Accton. To purchase Edgecore Networks solutions, please contact your Edgecore Networks Corporation representatives at +886 3 563 8888 (HQ) or +1 (949)-336-6801 or authorized resellers. © Copyright 2023 Edgecore Networks Corporation. The information contained herein is subject to change without notice. This document is for informational purposes only and does not set forth any warranty, expressed or implied, concerning any equipment, equipment feature, or service offered by Edgecore Networks Corporation. Edgecore Networks Corporation shall not be liable for technical or editorial errors or omissions contained herein. Base Model: AS5812-54X; Intel® Atom® C2538 processor 4-Core; 48-Port 10G SFP+ with 6x40G QSFP uplinks; ONIE Soſtware Installer. Model Number Part Number PSUAirflow Region (Power Cord) 5812-54X-O-AC-F-US FP1ZZ5654408A Dual AC PSUs Front-to-Back Airflow N. America 5812-54X-O-AC-B-US FP1ZZ5654409A Dual AC PSUs Back-to-Front AirflowN. America 5812-54X-O-AC-F-EU FP1ZZ5654208A Dual AC PSUs Front-to-Back Airflow Europe 5812-54X-O-AC-B-EU FP1ZZ5654209A Dual AC PSUs Back-to-Front Airflow Europe 5812-54X-O-AC-F-UK FP1ZZ5654308A Dual AC PSUs Front-to-Back Airflow UK 5812-54X-O-AC-B-UK FP1ZZ5654309A Dual AC PSUs Back-to-Front AirflowUK 5812-54X-O-AC-F-JP FP1ZZ5654508A Dual AC PSUs Front-to-Back Airflow Japan 5812-54X-O-AC-B-JP FP1ZZ5654509A Dual AC PSUs Back-to-Front Airflow Japan 5812-54X-O-48V-F FP1ZZ5654043A Dual -48 VDC PSUs Front-to-Back Airflow 5812-54X-O-48V-B FP1ZZ5654045A Dual -48 VDC PSUs Back-to-Front Airflow 5812-54X-O-12V-F FP1ZZ56540CAA one 12 VDC power input Front-to-Back Airflow 5812-54X-O-12V-B FP1ZZ56540CCA one 12 VDC power input Back-to-Front Airflow CPR-4011-4M11 F0TZZ5652003A 400 W AC Power Supply FRU (PSU-AC-400-F) Front-to-Back Airflow no power cord CPR-4011-4M21 F0TZZ5652002A 400 W AC Power Supply FRU (PSU-AC-400-B) Back-to-Front Airflow no power cord UM400D01-01 F0TZZ5654004A 400 W -48 VDC Power Supply FRU (PSU-48V-400-F) Front-to-Back Airflow no power cord UM400D01 F0TZZ5654003A 400 W -48 VDC Power Supply FRU (PSU-48V-400-B) Back-to-Front Airflow no power cord FAN-1U-1x1D-F F0TZZ5654000A Fan Tray FRU Front-to-Back Airflow FAN-1U-1x1D-B F0TZZ5654001A Fan Tray FRU Back-to-Front Airflow Model Number Part Number Description 58XX-54X-SVC-RTF REWECECWA008Z AS5812-54X Annual Hardware Service, post warranty, Return-to-Factory RKIT-L-6712 F0TZZ6632001A Rack mount kit ORSA-1U F0TZZ5654002A Open Rack Switch Adapter, for mounting standard 19 inch form factor 1U switches into 21 inch Open Rack |