データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN54ALS191A データシート(PDF) 8 Page - Texas Instruments

部品番号 SN54ALS191A
部品情報  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

SN54ALS191A データシート(HTML) 8 Page - Texas Instruments

Back Button SN54ALS191A Datasheet HTML 4Page - Texas Instruments SN54ALS191A Datasheet HTML 5Page - Texas Instruments SN54ALS191A Datasheet HTML 6Page - Texas Instruments SN54ALS191A Datasheet HTML 7Page - Texas Instruments SN54ALS191A Datasheet HTML 8Page - Texas Instruments SN54ALS191A Datasheet HTML 9Page - Texas Instruments SN54ALS191A Datasheet HTML 10Page - Texas Instruments SN54ALS191A Datasheet HTML 11Page - Texas Instruments SN54ALS191A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-86840012A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
86840012A
SNJ54ALS
191AFK
5962-8684001EA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8684001EA
SNJ54ALS191AJ
5962-8684001FA
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8684001FA
SNJ54ALS191AW
SN74ALS191AD
Obsolete
Production
SOIC (D) | 16
-
-
Call TI
Call TI
0 to 70
ALS191A
SN74ALS191ADR
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
ALS191A
SN74ALS191ADR.A
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
ALS191A
SN74ALS191AN
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
SN74ALS191AN
SN74ALS191AN.A
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
SN74ALS191AN
SNJ54ALS191AFK
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
86840012A
SNJ54ALS
191AFK
SNJ54ALS191AFK.A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
86840012A
SNJ54ALS
191AFK
SNJ54ALS191AJ
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8684001EA
SNJ54ALS191AJ
SNJ54ALS191AJ.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8684001EA
SNJ54ALS191AJ
SNJ54ALS191AW
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8684001FA
SNJ54ALS191AW
SNJ54ALS191AW.A
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8684001FA
SNJ54ALS191AW
(1) Status: For more details on status, see our product life cycle.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com