| データシートサーチシステム |
|
FGG データシート(PDF) 5 Page - LEMO Connectors |
|
|
|||||||||||||||||||||||||||||
FGG データシート(HTML) 5 Page - LEMO Connectors |
|
5 / 28 page ![]() ® ® DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice. 3 E maxi N L maxi M S 1 S 2 EGG Fixed socket, nut fixing EGG TT EGG 0T EGG 1T EGG 2T EGG 3T Reference Model Series 10.0 10.2 M7x0.5 5.5 16.0 1.2 13.5 6.3 9 12.0 12.5 M9x0.6 6.0 21.0 1.5 19.1 8.2 11 15.5 16.0 M12x1.0 6.0 23.0 1.8 21.5 10.5 14 18.5 19.6 M15x1.0 7.5 26.5 1.8 24.6 13.5 17 23.5 25.1 M18x1.0 9.6 30.1 2.5 25.0 16.5 22 Dimensions (mm) A B e E L M N1) S1 S2 L maxi E maxi N P S 1 EEG Fixed socket, nut fixing, back panel mounting ~L S 1 S 2 PHG Free socket, cable collet and nut for fitting a bend relief EEG TT EEG 0T EEG 1T EEG 2T EEG 3T Reference Model Series E●● TT E●● 0T E●● 1T E●● 2T E●● 3T Reference Model Series 6.4 7.1 12.5 8.3 9.1 14.5 10.6 12.1 18.5 13.6 15.1 22.5 16.6 18.1 27.0 Panel cut-out B C L 1.0 0.4 2.5 0.4 4.5 0.7 6.0 0.8 9.0 1.0 Mounting nut torque Metal shell Plastic shell Note: 1) maximum length with crimp contacts. Note: 1) maximum length with crimp contacts. B + 0.1 0 L mini Panel cut-out 7.0 31.5 5.5 6 9.5 37.0 7.5 7 12.0 42.5 11.0 9 15.0 51.0 14.0 12 18.8 60.0 16.0 15 Dimensions (mm) A L S1 S2 PHG TT PHG 0T PHG 1T PHG 2T PHG 3T Reference Model Series 2.4 3.0 1.0 5.0 1.3 6.5 1.3 8.5 2.6 10.5 Cable ø min. max. 10.0 10.0 M7x0.5 4.5 16.0 13.5 7 6.3 12.0 12.0 M9x0.6 6.5 21.0 19.1 9 8.2 15.5 16.0 M12x1.0 6.5 23.0 21.5 10 10.5 18.5 20.0 M15x1.0 7.5 26.5 24.6 11 13.5 23.5 24.0 M18x1.0 7.5 30.1 25.0 12 16.5 Dimensions (mm) A B e E L N1) P S1 |