| データシートサーチシステム |
|
FFG データシート(PDF) 7 Page - LEMO Connectors |
|
|
|||||||||||||||||||||||||||||
FFG データシート(HTML) 7 Page - LEMO Connectors |
|
7 / 28 page ![]() 5 www.lemo.com ® ® DISCLAIMER The information contained within this catalog and the functions offered are intended to provide information about products. All reasonable efforts have been made to ensure the accuracy of the information. However, LEMO cannot be held responsible for any errors. LEMO does not warrant the accuracy and reserves the right to make changes to the catalog and its functions at any time without notice. Plastic housing models ~L ~M S 2 FGG 0T FGG 1T Reference Model Series 1.0 5.0 1.3 6.5 Cable ø min. max. FGG Straight plug, cable collet and nut for fitting a bend relief, POM outer shell EGG Fixed socket, nut fixing, POM outer shell E maxi N L maxi M S 1 S 2 Alignment Key G A L D Contact type Plug Socket male female male female male female female male G A D L EGG 0T EGG 1T Reference Model Series Note: 1) maximum length with crimp contacts. E●● 0T E●● 1T Reference Model Series 8.3 9.1 14.5 10.6 12.1 18.5 Panel cut-out B C L B + 0.1 0 L mini Panel cut-out 12.0 12.5 M9x0.6 6.0 21.0 1.5 19.1 8.2 11 15.5 16.0 M12x1.0 6.0 23.0 1.8 21.5 10.5 14 Dimensions (mm) A B e E L M N1) S1 S2 9.7 38.5 28.5 8 13.0 45.0 34.0 10 Dimensions (mm) A L M S2 |