| データシートサーチシステム |
|
SN74LVC2G04DBVT データシート(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2G04DBVT データシート(HTML) 10 Page - Texas Instruments |
|
10 / 30 page ![]() ±1 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7 8 9 10 Time (ns) VIN VOUT C001 SN74LVC2G04 SCES195N – APRIL 1999 – REVISED AUGUST 2015 www.ti.com Typical Application (continued) 9.2.3 Application Curve There is a slight delay from input to output in addition to the voltage change. Figure 4 shows the expected output of the SN74LVC2G04 when an input is switched from 0 to 5 V and VCC is set at 1.8 V. With VCC set to 1.8 V, the output switches at 1.17 V (0.65 × VCC), and therefore the input can be anything from 1.18 V up to 6.5 V and the SN74LVC2G04 will work perfectly. Figure 4. Simulated Voltage Down-Translation from 5-V Input to 1.8-V Output With tpd = 3.4 ns. 10 Power Supply Recommendations The power supply can be any voltage between the min and max supply voltage rating located in the Recommended Operating Conditions table. Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single supply a 0.1- μF capacitor is recommended and if there are multiple VCC pins then a 0.01-μF or 0.022-μF capacitor is recommended for each power pin. It is ok to parallel multiple bypass caps to reject different frequencies of noise. 0.1- μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as possible for best results. 10 Submit Documentation Feedback Copyright © 1999–2015, Texas Instruments Incorporated Product Folder Links: SN74LVC2G04 |