データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP2 データシート(PDF) 2 Page - Pentair Equipment Protection - Hoffman

部品番号 ADP2
部品情報  GL66 SERIES MILD STEEL HINGED COVER WALL-MOUNT ENCLOSURES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
ホームページ  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

ADP2 データシート(HTML) 2 Page - Pentair Equipment Protection - Hoffman

  ADP2 Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman ADP2 Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman ADP2 Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman ADP2 Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EQUIPMENT PROTECTION
HINGED COVER WALL-MOUNT ENCLOSURES
STANDARD PRODUCT
Item Number
Description
H
[mm]
W
[mm]
D
[mm]
Gland
Plate Qty &
type
Door
thickness
[mm]
Body
Thickness
[mm]
Conductive
mounting
panel
Solution with
mouting panel
integrated
M300300210GE
GL66 MS HC 300H300W210D
300
300
210
A
1.2
1.2
M300P300GE
M300300210GPE
M300400210GE
GL66 MS HC 300H400W210D
300
400
210
B
1.2
1.2
M300P400GE
M300400210GPE
M400400210GE
GL66 MS HC 400H400W210D
400
400
210
A
1.2
1.2
M400P400GE
M400400210GPE
M400600210GE
GL66 MS HC 400H600W210D
400
600
210
B
1.2
1.2
M400P600GE
M400600210GPE
M400600350GE
GL66 MS HC 400H600W350D
400
600
350
C
1.2
1.2
M400P600GE
M400600350GPE
M400300210GE
GL66 MS HC 400H300W210D
400
300
210
C
1.2
1.2
M400P300GE
M400300210GPE
M500400210GE
GL66 MS HC 500H400W210D
500
400
210
B
1.2
1.2
M500P400GE
M500400210GPE
M500500210GE
GL66 MS HC 500H500W210D
500
500
210
C
1.2
1.2
M500P500GE
M500500210GPE
M500500300GE
GL66 MS HC 500H500W300D
500
500
300
C
1.2
1.2
M500P500GE
M500500300GPE
M600400210GE
GL66 MS HC 600H400W210D
600
400
210
B
1.2
1.2
M600P400GE
M600400210GPE
M600400350GE
GL66 MS HC 600H400W350D
600
400
350
B
1.2
1.2
M600P400GE
M600400350GPE
M600600210GE
GL66 MS HC 600H600W210D
600
600
210
C
1.5
1.5
M600P600GE
M600600210GPE
M600600250GE
GL66 MS HC 600H600W250D
600
600
250
C
1.5
1.5
M600P600GE
M600600250GPE
M600600350GE
GL66 MS HC 600H600W350D
600
600
350
C
1.5
1.5
M600P600GE
M600600350GPE
M600800300GE
GL66 MS HC 600H800W300D
600
800
300
2xB
1.8
1.5
M600P800GE
M600800300GPE
M700500250GE
GL66 MS HC 700H500W250D
700
500
250
C
1.5
1.5
M700P500GE
M700500250GPE
M800600210GE
GL66 MS HC 800H600W210D
800
600
210
C
1.8
1.5
M800P600GE
M800600210GPE
M800600350GE
GL66 MS HC 800H600W350D
800
600
350
C
1.8
1.5
M800P600GE
M800600350GPE
M800800210GE
GL66 MS HC 800H800W210D
800
800
210
2xB
1.8
1.5
M800P800GE
M800800210GPE
M800800300GE
GL66 MS HC 800H800W300D
800
800
300
2xB
1.8
1.5
M800P800GE
M800800300GPE
M800400300GE
GL66 MS HC 800H400W300D
800
400
300
B
1.5
1.5
M800P400GE
M800400300GPE
M800600250GE
GL66 MS HC 800H600W250D
800
600
250
C
1.8
1.5
M800P600GE
M800600250GPE
M800600400GE
GL66 MS HC 800H600W400D
800
600
400
C
1.8
1.5
M800P600GE
M800600400GPE
M800800225GE
GL66 MS HC 800H800W225D
800
800
225
2xB
1.8
1.5
M800P800GE
M800800225GPE
M1000600250GE
GL66 MS HC 1000H600W250D
1000
600
250
C
1.8
1.5
M1000P600GE
M1000600250GPE
M1000600400GE
GL66 MS HC 1000H600W400D
1000
600
400
C
1.8
1.5
M1000P600GE
M1000600400GPE
M1000800300GE
GL66 MS HC 1000H800W300D
1000
800
300
2xB
1.8
1.5
M1000P800GE
M1000800300GPE
M1000800400GE
GL66 MS HC 1000H800W400D
1000
800
400
2xB
1.8
1.5
M1000P800GE
M1000800400GPE
53
E
C
A
7
3
6
21
B
21
4
6
7
F
D
4
8
8
5
W
20,5
W-41
(BODY OPENING)
D
19.8
D-33.4
12.20
Y
Y
M8 x 1,25
19.1
W-38,2
W
12.7
13.50
22.5
B
OMIT MIDDLE
STUDS
IF H<700
Q
Date: 5/28/2014
Part no.: 62512-029_DZI
Dimensioning in mm
Pentair Equipment Protection Products Company
Data subject to change without notice
Pentair Poland Sp.z o.o.
ul. Strefowa 10
Polska
58-200 Dzierżoniów
GL66 WALL-MOUNT ENCLOSURES, STANDARD PRODUCTS,
HINGED COVER MODELS WITHOUT MOUNTING PANEL



Html Pages

1 2 3 4