| データシートサーチシステム |
|
TCA9538DBRG4.A データシート(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TCA9538DBRG4.A データシート(HTML) 9 Page - Texas Instruments |
|
9 / 40 page ![]() (VCC - VOH) - Output High Voltage (V) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 10 20 30 40 50 60 70 D007 1.8 V 2.5 V 3.3 V 5 V VCC - Supply Voltage (V) 0 1 2 3 4 5 6 0 1 2 3 4 5 6 D008 IOH = -8 mA IOH = -10 mA 9 TCA9538 www.ti.com SCPS199D – AUGUST 2014 – REVISED OCTOBER 2016 Product Folder Links: TCA9538 Submit Documentation Feedback Copyright © 2014–2016, Texas Instruments Incorporated Typical Characteristics (continued) TA = 25°C (unless otherwise noted) TA = 25°C Figure 7. Source Current (IOH) vs Output High Voltage (VOH) for P-Ports at Four Supply Voltages TA = 25°C Figure 8. Output High Voltage (VOH) vs Supply Voltage (VCC) for P-Ports |