| データシートサーチシステム |
|
PCF85263ATL/AX データシート(PDF) 98 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATL/AX データシート(HTML) 98 Page - NXP Semiconductors |
|
98 / 100 page ![]() PCF85263A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4.1 — 27 November 2015 98 of 100 NXP Semiconductors PCF85263A Tiny RTC with alarm, battery switch-over, and I2C-bus 30. Figures Fig 1. Block diagram of PCF85263A . . . . . . . . . . . . . . . .3 Fig 2. Pin configuration for PCF85263AT (SO8) . . . . . . .4 Fig 3. Pin configuration for PCF85263ATL (DFN2626-10) . . . . . . . . . . . . . . . . . . . . . . . . . . . .4 Fig 4. Pin configuration for PCF85263ATT (TSSOP8). . .4 Fig 5. Pin configuration for PCF85263ATT1 (TSSOP10).5 Fig 6. Address register incrementing . . . . . . . . . . . . . . . .7 Fig 7. Register map . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7 Fig 8. Time mode register set selection . . . . . . . . . . . . . .8 Fig 9. OS status bit . . . . . . . . . . . . . . . . . . . . . . . . . . . .15 Fig 10. Data flow for the time function . . . . . . . . . . . . . . .17 Fig 11. Data flow for the stop-watch function. . . . . . . . . .19 Fig 12. Alarm1 and alarm2 function block diagram (RTC mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 Fig 13. Alarm1 and alarm2 function block diagram (stop-watch mode) . . . . . . . . . . . . . . . . . . . . . . . .25 Fig 14. WatchDog repeat mode . . . . . . . . . . . . . . . . . . . .27 Fig 15. WatchDog single shot mode . . . . . . . . . . . . . . . .28 Fig 16. Timestamp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29 Fig 17. Example battery switch-over timestamp . . . . . . .31 Fig 18. Example TS pin driven timestamp . . . . . . . . . . . .31 Fig 19. Offset calibration calculation workflow . . . . . . . . .37 Fig 20. Result of offset calibration . . . . . . . . . . . . . . . . . .38 Fig 21. Interrupt pulse width. . . . . . . . . . . . . . . . . . . . . . .40 Fig 22. Interrupt selection . . . . . . . . . . . . . . . . . . . . . . . .41 Fig 23. Threshold voltage switching hysteresis . . . . . . . .46 Fig 24. Switching at Vth . . . . . . . . . . . . . . . . . . . . . . . . . .46 Fig 25. Switching at VBAT . . . . . . . . . . . . . . . . . . . . . . . . .47 Fig 26. Switching at the higher of VBAT or Vth . . . . . . . . .48 Fig 27. Switching at the lower of VBAT or Vth . . . . . . . . . .49 Fig 28. TS pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51 Fig 29. INTA pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53 Fig 30. Software reset command . . . . . . . . . . . . . . . . . . .58 Fig 31. CPR and STOP bit functional diagram . . . . . . . .61 Fig 32. STOP release timing . . . . . . . . . . . . . . . . . . . . . .61 Fig 33. I2C read and write protocol . . . . . . . . . . . . . . . . .63 Fig 34. I2C read and write signaling. . . . . . . . . . . . . . . . .63 Fig 35. Application example. . . . . . . . . . . . . . . . . . . . . . .67 Fig 36. Application example timing . . . . . . . . . . . . . . . . .68 Fig 37. Device diode protection diagram of PCF85263A.69 Fig 38. Typical IDD with respect to fSCL . . . . . . . . . . . . . .73 Fig 39. Typical IDD as a function of temperature . . . . . . .73 Fig 40. Typical IDD with respect to VDD . . . . . . . . . . . . . .74 Fig 41. Oscillator frequency variation with respect to VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75 Fig 42. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . .77 Fig 43. Application diagram for PCF85263A . . . . . . . . . .77 Fig 44. Package outline SOT96-1 (SO8), PCF85263AT .79 Fig 45. Package outline SOT1197-1 (DFN2626-10), PCF85263ATL . . . . . . . . . . . . . . . . . . . . . . . . . . .80 Fig 46. Package outline SOT505-1 (TSSOP8), PCF85263ATT . . . . . . . . . . . . . . . . . . . . . . . . . . .81 Fig 47. Package outline SOT552-1 (TSSOP10), PCF85263ATT1 . . . . . . . . . . . . . . . . . . . . . . . . . .82 Fig 48. Temperature profiles for large and small components. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85 Fig 49. Footprint information for reflow soldering of SOT96-1 (SO8), PCF85263AT . . . . . . . . . . . . . . 86 Fig 50. Footprint information for reflow soldering of SOT1197-1 (DFN2626-10),PCF85263ATL . . . . . 87 Fig 51. Footprint information for reflow soldering of SOT505-1 (TSSOP8),PCF85263ATT . . . . . . . . . 88 Fig 52. Footprint information for reflow soldering of SOT552-1 (TSSOP10), PCF85263ATT1 . . . . . . 89 |