| データシートサーチシステム |
|
TL3016CD データシート(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL3016CD データシート(HTML) 10 Page - Texas Instruments |
|
10 / 21 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL3016CD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 3016C TL3016CD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3016C TL3016CDG4 Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 3016C TL3016CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 3016C TL3016CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3016C TL3016CPW Active Production TSSOP (PW) | 8 150 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T3016 TL3016CPW.A Active Production TSSOP (PW) | 8 150 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 T3016 TL3016CPWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T3016 TL3016CPWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 T3016 TL3016ID Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3016I TL3016ID.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3016I TL3016IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3016I TL3016IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3016I TL3016IDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -40 to 85 TL3016IPW Active Production TSSOP (PW) | 8 150 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 Z3016 TL3016IPW.A Active Production TSSOP (PW) | 8 150 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 Z3016 TL3016IPWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 Z3016 TL3016IPWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 Z3016 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |