データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431LIBIDBZR データシート(PDF) 13 Page - Texas Instruments

部品番号 TL431LIBIDBZR
部品情報  TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

TL431LIBIDBZR データシート(HTML) 13 Page - Texas Instruments

Back Button TL431LIBIDBZR Datasheet HTML 9Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 10Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 11Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 12Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 13Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 14Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 15Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 16Page - Texas Instruments TL431LIBIDBZR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
+
2.5V
CATHODE
ANODE
REF
VIN
Vout
Vsup
Rsup
R1
R2
VL
RIN
13
TL431LI
TL432LI
www.ti.com
SLVSDQ6A – JULY 2018 – REVISED NOVEMBER 2018
Product Folder Links: TL431LI TL432LI
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
As this device has many applications and setups, there are many situations that this datasheet can not
characterize in detail. The linked application notes help the designer make the best choices when using this part.
Application note Designing with the Improved TL431LI, SNOAA00 provides a deeper understanding of this
device's accuracy in a flyback optocoupler application. Application note Setting the Shunt Voltage on an
Adjustable Shunt Regulator, SLVA445 assists designers in setting the shunt voltage to achieve optimum
accuracy for this device.
10.2 Typical Applications
10.2.1 Comparator With Integrated Reference
Figure 20. Comparator Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35