| データシートサーチシステム |
|
TLE2426ILPR.A データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2426ILPR.A データシート(HTML) 2 Page - Texas Instruments |
|
2 / 31 page ![]() TLE2426, TLE2426Y THE RAIL SPLITTER" PRECISION VIRTUAL GROUND SLOS098D − AUGUST 1991 − REVISED MAY 1998 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 −40 °C to 85°C TLE2426ID — TLE2426ILP TLE2426IP TLE2426Y −55 °C to 125°C TLE2426MD TLE2426MJG TLE2426MLP TLE2426MP The D and LP packages are available taped and reeled in the commercial temperature range only. Add R suffix to the device type (e. g., TLC2426CDR). Chips are tested at 25 °C. |