| データシートサーチシステム |
|
EGC2015AFB データシート(PDF) 30 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EGC2015AFB データシート(HTML) 30 Page - Eaton All Rights Reserved. |
|
30 / 63 page ![]() V9-T1-30 Volume 9—OEM—Original Equipment Manufacturer CA08100011E—February 2014 www.eaton.com 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1.1 Circuit Protection Circuit Breakers C Curve (5–10X In Current Rating)—Designed Inductive Loads 1 C Curve (5–10X In Current Rating)—Designed Inductive Loads, continued 1 Notes 1 In North America, these switches are UL recognized and CSA Certified as supplementary protection devices. Per the intent of NEC (National Electrical Code), Article 240, and CEC (Canadian Electrical Code), Part 1 C22.1, supplementary breakers cannot be used as a substitute for the branch circuit protective device. They can be used to provide overcurrent protection within an appliance or other electrical equipment where branch circuit overcurrent protection is already provided, or is not required. 2 Option for single packaging on single-pole B, C and D curves only; add suffix SP when ordering. Amperes Single-Pole 2 Catalog Number Two-Pole Catalog Number Three-Pole Catalog Number 0.5 FAZ-C0.5/1-SP FAZ-C0.5/2 FAZ-C0.5/3 1 FAZ-C1/1-SP FAZ-C1/2 FAZ-C1/3 1.6 FAZ-C1.6/1-SP FAZ-C1.6/2 FAZ-C1.6/3 2 FAZ-C2/1-SP FAZ-C2/2 FAZ-C2/3 3 FAZ-C3/1-SP FAZ-C3/2 FAZ-C3/3 4 FAZ-C4/1-SP FAZ-C4/2 FAZ-C4/3 5 FAZ-C5/1-SP FAZ-C5/2 FAZ-C5/3 6 FAZ-C6/1-SP FAZ-C6/2 FAZ-C6/3 7 FAZ-C7/1-SP FAZ-C7/2 FAZ-C7/3 8 FAZ-C8/1-SP FAZ-C8/2 FAZ-C8/3 10 FAZ-C10/1-SP FAZ-C10/2 FAZ-C10/3 13 FAZ-C13/1-SP FAZ-C13/2 FAZ-C13/3 15 FAZ-C15/1-SP FAZ-C15/2 FAZ-C15/3 16 FAZ-C16/1-SP FAZ-C16/2 FAZ-C16/3 20 FAZ-C20/1-SP FAZ-C20/2 FAZ-C20/3 25 FAZ-C25/1-SP FAZ-C25/2 FAZ-C25/3 30 FAZ-C30/1-SP FAZ-C30/2 FAZ-C30/3 32 FAZ-C32/1-SP FAZ-C32/2 FAZ-C32/3 40 FAZ-C40/1-SP FAZ-C40/2 FAZ-C40/3 50 FAZ-C50/1-SP FAZ-C50/2 FAZ-C50/3 63 FAZ-C63/1-SP FAZ-C63/2 FAZ-C63/3 Amperes Four-Pole Single-Pole + Neutral Three-Pole + Neutral 0.5 FAZ-C0.5/4 FAZ-C0.5/1N FAZ-C0.5/3N 1 FAZ-C1/4 FAZ-C1/1N FAZ-C1/3N 1.6 FAZ-C1.6/4 FAZ-C1.6/1N FAZ-C1.6/3N 2 FAZ-C2/4 FAZ-C2/1N FAZ-C2/3N 3 FAZ-C3/4 FAZ-C3/1N FAZ-C3/3N 4 FAZ-C4/4 FAZ-C4/1N FAZ-C4/3N 5 FAZ-C5/4 FAZ-C5/1N FAZ-C5/3N 6 FAZ-C6/4 FAZ-C6/1N FAZ-C6/3N 7 FAZ-C7/4 FAZ-C7/1N FAZ-C7/3N 8 FAZ-C8/4 FAZ-C8/1N FAZ-C8/3N 10 FAZ-C10/4 FAZ-C10/1N FAZ-C10/3N 13 FAZ-C13/4 FAZ-C13/1N FAZ-C13/3N 15 FAZ-C15/4 FAZ-C15/1N FAZ-C15/3N 16 FAZ-C16/4 FAZ-C16/1N FAZ-C16/3N 20 FAZ-C20/4 FAZ-C20/1N FAZ-C20/3N 25 FAZ-C25/4 FAZ-C25/1N FAZ-C25/3N 30 FAZ-C30/4 FAZ-C30/1N FAZ-C30/3N 32 FAZ-C32/4 FAZ-C32/1N FAZ-C32/3N 40 FAZ-C40/4 FAZ-C40/1N FAZ-C40/3N 50 FAZ-C50/4 FAZ-C50/1N FAZ-C50/3N 63 FAZ-C63/4 FAZ-C63/1N FAZ-C63/3N |