| データシートサーチシステム |
|
TPS767D301MPWPREP データシート(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS767D301MPWPREP データシート(HTML) 13 Page - Texas Instruments |
|
13 / 22 page ![]() RESET OUT OUT 6 5 4 IN IN EN GND 3 28 24 23 VI C1 0.1 µF 50 V RESET VO 10 µF + TPS767D3xx CO 250 k Ω V O + V ref 1 ) R1 R2 where: Vref = 1.1834 V typ (the internal reference voltage) R1 + V O V ref * 1 R2 OUTPUT VOLTAGE R1 R2 2.5 V 3.3 V 3.6 V 4 75V UNIT 33.2 53.6 61.9 90.8 30.1 30.1 30.1 30.1 k Ω k Ω k Ω k Ω OUTPUT VOLTAGE PROGRAMMING GUIDE VO VI RESET OUT FB / NC R1 R2 GND EN IN <0.5V >2.7 V RESET Output 0.1 µF 250 k Ω + 10 µF CO TPS767D301-EP www.ti.com SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010 Figure 26. Typical Application Circuit (Fixed Versions) for Single Channel Programming the TPS767D301-EP Adjustable LDO Regulator The output voltage of the TPS767D301-EP adjustable regulator is programmed using an external resistor divider as shown in Figure 27. The output voltage is calculated using: (1) Resistors R1 and R2 should be chosen for approximately 50-mA divider current. Lower-value resistors can be used, but offer no inherent advantage and waste more power. Higher values should be avoided, as leakage currents at FB increase the output voltage error. The recommended design procedure is to choose R2 = 30.1 k Ω to set the divider current at 50 mA and then calculate R1 using: (2) Figure 27. TPS767D301-EP Adjustable LDO Regulator Programming Reset Indicator The TPS767D301-EP features a RESET output that can be used to monitor the status of the regulator. The internal comparator monitors the output voltage. When the output drops to 95% (typical) of its regulated value, the RESET output transistor turns on, taking the signal low. The open-drain output requires a pullup resistor. If not used, it can be left floating. RESET can be used to drive power-on reset circuitry or as a low-battery indicator. Copyright © 2006–2010, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Link(s): TPS767D301-EP |