| データシートサーチシステム |
|
ASE20X14X3NK データシート(PDF) 8 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
ASE20X14X3NK データシート(HTML) 8 Page - Pentair plc. All rights reserved. |
|
8 / 8 page ![]() Type 1 Boxes and enclosures Screw-cover Type 1 pull BoxeS and acceSSorieS Spec-00258 I PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com EQUIPMENT PROTECTION conTracTor 8 Type 1 pull Box perForaTed panel Panel is formed to provide 7/16-in. space off back of pull box for component mounting screw clearance and includes a grounding hole to terminate equipment grounding conductors. Ideal for mounting components that require infrequent access such as control transformers, terminals and contactors. BulletIn: pnlp Standard Product Catalog Number Panel Gauge Panel Size D x E (in.) Panel Size D x E (mm) Fits Pull Box PB66PP 16 4.40 x 5.50 112 x 140 ASE6X6X__ PB88PP 16 6.40 x 7.50 163 x 191 ASE8X8X__ PB1212PP 16 10.40 x 11.50 264 x 292 ASE12X12X__ PB1818PP 16 16.40 x 17.50 417 x 445 ASE18X18X__ PB2424PP 16 22.40 x 23.50 569 x 597 ASE24X24X__ PB1818PP and PB2424PP are flanged on all four sides. |