| データシートサーチシステム |
|
PPFSM186 データシート(PDF) 2 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PPFSM186 データシート(HTML) 2 Page - Pentair plc. All rights reserved. |
|
2 / 8 page ![]() PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM Spec-00431 H PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com EQUIPMENT PROTECTION mOduLaR ENCLOsuRE systEms 2 JOININg subPaNEL Provides a continuous panel surface in multiple bay enclosures. The joining subpanel is inserted between full subpanels of equal height. It can be installed from front or rear. Holes for grounding and mounting hardware are provided. Finish is white. Conductive joining subpanels are unpainted galvanized steel. Bulletin: p20 Catalog Number Material H (mm) H (in.) P (mm) P (in.) Fits between full subpanels PJP7G Conductive 585 23.03 548 21.57 PPF76, PPF78, PPF712 PJP14 Steel 1285 50.59 1248 49.13 PPF146, PPF148, PPF1412 PJP14G Conductive 1285 50.59 1248 49.13 PPF146, PPF148, PPF1412 PJP16 Steel 1485 58.46 1448 57.00 PPF166, PPF167, PPF168, PPF1612 PJP16G Conductive 1485 58.46 1448 57.00 PPF166, PPF167, PPF168, PPF1612 PJP18 Steel 1685 66.34 1648 64.87 PPF186, PPF187, PPF188, PPF1810, PPF1812, PPF1816 PJP18G Conductive 1685 66.34 1648 64.87 PPF186, PPF187, PPF188, PPF1810, PPF1812, PPF1816 PJP20 Steel 1885 74.21 1848 72.75 PPF206, PPF207, PPF208, PPF2010, PPF2012, PPF2016 PJP20G Conductive 1885 74.21 1848 72.75 PPF206, PPF207, PPF208, PPF2010, PPF2012, PPF2016 PJP22 Steel 2085 82.09 2048 80.62 PPF226, PPF227, PPF228, PPF2210, PPF2212, PPF2216 PJP22G Conductive 2085 82.09 2048 80.62 PPF226, PPF227, PPF228, PPF2210, PPF2212, PPF2216 Consult Hoffman for delivery |