| データシートサーチシステム |
|
450P データシート(PDF) 1 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
450P データシート(HTML) 1 Page - Lapp. |
|
1 / 3 page ![]() PRODUCT INFORMATION ÖLFLEX® 450 P Abrasion- and oil-resistant cable for handheld equipment with integrated wear indicator ÖLFLEX® 450 P - Power cable with oil and abrasion resistant yellow coloured PUR/PVC dual jacket with wear indication for use with handheld equipment Info Cost-effective PVC/PUR dual sheath Integrated wear indicator Oil-resistant Mechanical resistance Benefits Good cost-benefit ratio Resistant to contact with many mineral oil-based lubricants, diluted acids, aqueous alkaline solutions and other chemical media The signal colour of the outer sheath increases safety and visual perception Serious mechanical damages of the yellow outer jacket become visible due to the red inner sheath Application range Portable handheld electrical devices such as drills, sanders, jig saws or grinders Power or extension cord Portable devices for the home and garden Outdoor use is possible within the indicated operating temperature range Last Update (26.07.2017) 1 / 3 ©2017 Lapp Group - Technical changes reserved Product Management www.lappkabel.de You can find the current technical data in the corresponding data sheet. PN 0456 / 02_03.16 |
同様の部品番号 - 450P |
|
同様の説明 - 450P |