| データシートサーチシステム |
|
CD54HC191 データシート(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD54HC191 データシート(HTML) 13 Page - Texas Instruments |
|
13 / 34 page ![]() CD54HC190, CD74HC190 CD54HC191, CD74HC191, CD54HCT191, CD74HCT191 SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL SCHS275E − MARCH 2002 − REVISED OCTOBER 2003 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ’HC190, ’HC191 timing requirements over recommended operating free-air temperature range (unless otherwise noted) (see Figure 4) VCC TA = 25°C TA = −55°C TO 125 °C TA = −40°C TO 85 °C UNIT VCC MIN MAX MIN MAX MIN MAX UNIT 2 V 6 4 5 fclock Clock frequency† 4.5 V 30 20 25 MHz fclock Clock frequency† 6 V 35 23 29 MHz 2 V 80 120 100 LOAD low 4.5 V 16 24 20 tw Pulse duration LOAD low 6 V 14 20 17 ns tw Pulse duration 2 V 100 150 125 ns CLK high or low 4.5 V 20 30 25 CLK high or low 6 V 17 26 21 2 V 60 90 75 Data before LOAD ↑ 4.5 V 12 18 15 Data before LOAD ↑ 6 V 10 15 13 2 V 60 90 75 tsu Setup time CTEN before CLK ↑ 4.5 V 12 18 15 ns tsu Setup time CTEN before CLK ↑ 6 V 10 15 13 ns 2 V 90 135 115 D/U before CLK ↑ 4.5 V 18 27 23 D/U before CLK ↑ 6 V 15 23 20 2 V 2 2 2 Data before LOAD ↑ 4.5 V 2 2 2 Data before LOAD 6 V 2 2 2 2 V 2 2 2 th Hold time CTEN before CLK ↑ 4.5 V 2 2 2 ns th Hold time CTEN before CLK 6 V 2 2 2 ns 2 V 0 0 0 D/U before CLK ↑ 4.5 V 0 0 0 D/U before CLK 6 V 0 0 0 2 V 60 90 75 trec Recovery time LOAD inactive before CLK ↑ 4.5 V 12 18 15 ns trec Recovery time LOAD inactive before CLK ↑ 6 V 10 15 13 ns † Applies to noncascaded operation only. With cascaded counters, clock-to-terminal count propagation delays, CTEN-to-clock setup times, and CTEN-to-clock hold times determine maximum clock frequency. For example, with these HC devices: fmax(CLK) + 1 CLK-to-MAX MIN propagation delay ) CTEN-to-CLK setup time ) CTEN-to-CLK hold time + 1 42 ) 12 ) 2 [ 18 MHz |