| データシートサーチシステム |
|
1SD536F2 データシート(PDF) 2 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
1SD536F2 データシート(HTML) 2 Page - Power Integrations, Inc. |
|
2 / 11 page ![]() 2 www.power.com 2SMLT0220D2I0C Rev. A 04/25 Figure 2. Pin Configuration of 2SMLT0220D2I0C. Pin Functional Description MS1 MS2 NTC G1 S1 S2 G2 D2 X3 X4 X1 X2 PIHPSE_0437 Connections to Power Module 2SMLT0220D2x0 MAGs are directly mounted to power modules using screws. S1 Auxiliary source contact of channel 1 switch. G1 Gate contact of channel 1 switch. S2 Auxiliary source contact of channel 2 switch. G2 Gate contact of channel 2 switch. Screw holes MS1, MS2 Screw holes for mechanical fixation of the board to the power module. NTC Contacts to module internal NTC. D2 Auxiliary Drain contact of channel 2 switch. Connector X1 TE CONNECTIVITY 338068-4 Micro-MaTch Header (or similar); Connection from MAG to IMC or previous MAG for gate driver channel 1. Connector X2 TE CONNECTIVITY 338068-4 Micro-MaTch Header (or similar); Connection from MAG to next MAG (if any) for gate driver channel 1. Connector X3 TE CONNECTIVITY 338068-4 Micro-MaTch Header (or similar); Connection from MAG to IMC or previous MAG for gate driver channel 2. Connector X4 TE CONNECTIVITY 338068-4 Micro-MaTch Header (or similar); Connection from MAG to next MAG (if any) for gate driver channel 2. |