データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC32MX330 データシート(PDF) 3 Page - Microchip Technology

部品番号 PIC32MX330
部品情報  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX330 データシート(HTML) 3 Page - Microchip Technology

  PIC32MX330 Datasheet HTML 1Page - Microchip Technology PIC32MX330 Datasheet HTML 2Page - Microchip Technology PIC32MX330 Datasheet HTML 3Page - Microchip Technology PIC32MX330 Datasheet HTML 4Page - Microchip Technology PIC32MX330 Datasheet HTML 5Page - Microchip Technology PIC32MX330 Datasheet HTML 6Page - Microchip Technology PIC32MX330 Datasheet HTML 7Page - Microchip Technology PIC32MX330 Datasheet HTML 8Page - Microchip Technology PIC32MX330 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 360 page
background image
 2012-2015 Microchip Technology Inc.
DS60001185D-page 3
PIC32MX330/350/370/430/450/470
Device Pin Tables
TABLE 2:
PIN NAMES FOR 64-PIN DEVICES
Pin #
Full Pin Name
Pin #
Full Pin Name
1
AN22/RPE5/PMD5/RE5
33
RPF3/RF3
2
AN23/PMD6/RE6
34
RPF2/RF2
3
AN27/PMD7/RE7
35
RPF6/SCK1/INT0/RF6
4
AN16/C1IND/RPG6/SCK2/PMA5/RG6
36
SDA1/RG3
5
AN17/C1INC/RPG7/PMA4/RG7
37
SCL1/RG2
6
AN18/C2IND/RPG8/PMA3/RG8
38
VDD
7
MCLR
39
OSC1/CLKI/RC12
8
AN19/C2INC/RPG9/PMA2/RG9
40
OSC2/CLKO/RC15
9
VSS
41
VSS
10
VDD
42
RPD8/RTCC/RD8
11
AN5/C1INA/RPB5/RB5
43
RPD9/RD9
12
AN4/C1INB/RB4
44
RPD10/PMCS2/RD10
13
PGED3/AN3/C2INA/RPB3/RB3
45
RPD11/PMCS1/RD11
14
PGEC3/AN2/C2INB/RPB2/CTED13/RB2
46
RPD0/RD0
15
PGEC1/VREF-/CVREF-/AN1/RPB1/CTED12/RB1
47
SOSCI/RPC13/RC13
16
PGED1/VREF+/CVREF+/AN0/RPB0/PMA6/RB0
48
SOSCO/RPC14/T1CK/RC14
17
PGEC2/AN6/RPB6/RB6
49
AN24/RPD1/RD1
18
PGED2/AN7/RPB7/CTED3//RB7
50
AN25/RPD2/RD2
19
AVDD
51
AN26/RPD3/RD3
20
AVSS
52
RPD4/PMWR/RD4
21
AN8/RPB8/CTED10//RB8
53
RPD5/PMRD/RD5
22
AN9/RPB9/CTED4/PMA7/RB9
54
RD6
23
TMS/CVREFOUT/AN10/RPB10/CTED11//PMA13/RB10
55
RD7
24
TDO/AN11/PMA12/RB11
56
VCAP
25
VSS
57
VDD
26
VDD
58
RPF0/RF0
27
TCK/AN12/PMA11/RB12
59
RPF1/RF1
28
TDI/AN13/PMA10/RB13
60
PMD0/RE0
29
AN14/RPB14/CTED5/PMA1/RB14
61
PMD1/RE1
30
AN15/RPB15/OCFB/CTED6/PMA0/RB15
62
AN20/PMD2/RE2
31
RPF4/SDA2/PMA9/RF4
63
RPE3/CTPLS/PMD3/RE3
32
RPF5/SCL2/PMA8/RF5
64
AN21/PMD4/RE4
Note
1:
The RPn pins can be used by remappable peripherals. See Table 1 for the available peripherals and Section 12.3 “Peripheral Pin
Select” for restrictions.
2:
Every I/O port pin (RAx-RGx), with the exception of RF6, can be used as a change notification pin (CNAx-CNGx). See Section 12.0 “I/O
Ports” for more information.
3:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.
4:
RPF6 (pin 35) is only available for output functions.
64-PIN QFN(1,2,3,4) AND TQFP(1,2,3) (TOP VIEW)
PIC32MX330F064H
PIC32MX350F128H
PIC32MX370F512H
64
1
QFN(4)
PIC32MX350F256H
1
64
TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More