| データシートサーチシステム |
|
DAC5672MPFBEP データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC5672MPFBEP データシート(HTML) 2 Page - Texas Instruments |
|
2 / 30 page ![]() www.ti.com DESCRIPTION (CONTINUED) DE- MUX DA[13:0] DB[13:0] MODE GSET Latch A Latch B 14−b DAC 14−b DAC IOUTA1 IOUTA2 IOUTB1 IOUTB2 1.2 V Reference WRTB WRTA CLKB CLKA BIASJ_A BIASJ_B EXTIO DVDD DGND AVDD AGND SLEEP DAC5672-EP SGLS339A – JUNE 2006 – REVISED OCTOBER 2006 The DAC5672 is available in a 48-pin thin quad flat pack (TQFP) package. Pin compatibility between family members provides 12-bit (DAC5662) and 14-bit (DAC5672) resolution. Furthermore, the DAC5672 is pin compatible to the DAC2904 and AD9767 dual DACs. The device is characterized for operation over the military temperature range of –55 °C to 125°C. FUNCTIONAL BLOCK DIAGRAM AVAILABLE OPTIONS PACKAGED DEVICES TA 48-PIN TQFP DAC5672MPFBREP –55 C to 125 C DAC5672MPFBEP 2 Submit Documentation Feedback |