| データシートサーチシステム |
|
DAC5672MPFBREP.A データシート(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC5672MPFBREP.A データシート(HTML) 26 Page - Texas Instruments |
|
26 / 30 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) DAC5672MPFBEP PFB TQFP 48 250 10 x 25 150 315 135.9 7620 12.2 11.1 11.25 DAC5672MPFBEP.A PFB TQFP 48 250 10 x 25 150 315 135.9 7620 12.2 11.1 11.25 V62/06639-02XE PFB TQFP 48 250 10 x 25 150 315 135.9 7620 12.2 11.1 11.25 Pack Materials-Page 3 |