| データシートサーチシステム |
|
DIX4192IPFB データシート(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DIX4192IPFB データシート(HTML) 40 Page - Texas Instruments |
|
40 / 71 page ![]() 40 DIX4192 SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016 www.ti.com Product Folder Links: DIX4192 Submit Documentation Feedback Copyright © 2006–2016, Texas Instruments Incorporated Figure 47. Register 18: Receiver Interrupt Mode Register 1 7 (MSB) 6 5 4 3 2 1 0 (LSB) QCHGM1 QCHGM0 UNLOCKM1 UNLOCKM0 QCRCM1 QCRCM0 RBTIM1 RBTIM0 Table 26. Register 18: Receiver Interrupt Mode Register 1 Field Descriptions QCHGM[1:0] Q-Channel Sub-Code Data Change Interrupt Mode QCHGM1 QCHGM0 Interrupt Active State 0 0 Rising edge active (default) 0 1 Falling edge active 1 0 Level active 1 1 Reserved UNLOCKM[1:0] DIR Unlock Error Interrupt Mode UNLOCKM1 UNLOCKM0 Interrupt Active State 0 0 Rising edge active (default) 0 1 Falling edge active 1 0 Level active 1 1 Reserved QCRCM[1:0] Q-Channel Sub-Code CRC Error Interrupt Mode QCRCM1 QCRCM0 Interrupt Active State 0 0 Rising edge active (default) 0 1 Falling edge active 1 0 Level active 1 1 Reserved RBTIM[1:0] Receive Buffer Transfer Interrupt Mode RBTIM1 RBTIM0 Interrupt Active State 0 0 Rising edge active (default) 0 1 Falling edge active 1 0 Level active 1 1 Reserved |