データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C5200 データシート(PDF) 6 Page - STMicroelectronics

部品番号 C5200
部品情報  High power NPN epitaxial planar bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C5200 データシート(HTML) 6 Page - STMicroelectronics

  C5200 Datasheet HTML 1Page - STMicroelectronics C5200 Datasheet HTML 2Page - STMicroelectronics C5200 Datasheet HTML 3Page - STMicroelectronics C5200 Datasheet HTML 4Page - STMicroelectronics C5200 Datasheet HTML 5Page - STMicroelectronics C5200 Datasheet HTML 6Page - STMicroelectronics C5200 Datasheet HTML 7Page - STMicroelectronics C5200 Datasheet HTML 8Page - STMicroelectronics C5200 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
Package mechanical data
2STC5200
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9