| データシートサーチシステム |
|
LP8550TLX-A/NOPB データシート(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP8550TLX-A/NOPB データシート(HTML) 12 Page - Texas Instruments |
|
12 / 49 page ![]() BOOST LED DRIVERS LOGIC EEPROM I 2 C / INTERFACE LDO OSC TSD PWM DETECTOR SW FB VLDO GND GND_SW GND_LED EN PWM VDDIO SCLK SDA OUT1 OUT2 OUT3 OUT4 OUT5 OUT6 PLL FAULT VIN TEMP SENSOR MCU VIN FILTER VSYNC VSYNC ISET FSET RISET RFSET LP8550 SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014 www.ti.com 8.2 Functional Block Diagram 8.3 Feature Description 8.3.1 Clock Generation LP8550 has internal 5-MHz oscillator which is used for clocking the boost converter, state machine, PWM input duty cycle measurement, internal timings such as slope time for output brightness changes. Internal clock can be used for generating the PWM output frequency. In this case the 5-MHz clock can be multiplied with the internal PLL to achieve higher resolution. The higher the clock frequency for PWM generation block, the higher the resolution but the tradeoff is higher IQ of the part. Clock multiplication is set with <PWM_RESOLUTION[1:0]> EEPROM Bits. The PLL can also be used for generating the required PWM generation clock from the VSYNC signal. This makes sure that the LED output PWM is always synchronized to the VSYNC signal and there is no clock variation between LCD display video update and the LED backlight output frequency. Also HSYNC signal up to 55 kHz can be used. PLL has internal counter which has 13-bit control <PLL[12:0]> to achieve correct output clock frequency based on the VSYNC frequency. It can take a couple of seconds for the PLL to synchronize to 60-Hz VSYNC signal in start-up and before this correct PWM clock frequency is generated from internal oscillator. FILTER pin component selection affects the time it takes from the PLL to lock to VSYNC signal. Special logic is implemented for allowing steady clock frequency even if there are missing VSYNC pulses. In case pulses are randomly left out, the LP8550 can generate the pulses internally while keeping the same PWM output frequency. When VSYNC pulses are available again, the internal logic automatically switches to the external VSYNC clock without glitch. 12 Submit Documentation Feedback Copyright © 2010–2014, Texas Instruments Incorporated Product Folder Links: LP8550 |