| データシートサーチシステム |
|
PRL3264-R010-D-T5 データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PRL3264-R010-D-T5 データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() L W a t b ◆ Part numbering system ◆ Electrical Specification ◆ Dimensions PRL 1220 - R010 - D - T5 (unit:mm) PRL0816 PRL1220 PRL1632 PRL3264 RL3720W RL7520W E-24 E-24 1m step (7m ~ 10m) E-24 1m step (5m ~ 10m) E-24 1m step (3m ~ 10m) E-24 1m step (1m ~ 10m) E-24 1m step (1m ~ 10m) √(P・R) Resistance range(Ω) Resistance tolerance Resistance value series -55℃ ~ 125℃ Operating temperature (ppm/℃) ±0.5% (D) ±1% (F) ±2% (G) ±5% (J) Type Maximum voltage Power ratings 1/3W 2/3W 1W 2W 1W 2W ±50 ±100 0 ∼ +200 0 ∼ +350 ±50 ±100 0 ∼ +200 0 ∼ +350 ±50 ±100 0 ∼ +200 0 ∼ +350 ±50 ±100 0 ∼ +200 0 ∼ +350 ±50(Q) ±100(R) 0 ∼ +200(S) 0 ∼ +350(T) ±50(Q) ±100(R) 0 ∼ +200(S) 0 ∼ +350(T) 0 ∼ +420(T) 0 ∼ +800(T) 75m≦R≦100m 43m≦R≦68m 33m≦R≦39m 18m≦R≦27m 10m≦R≦15m 56m≦R≦100m 47m≦R≦51m ー 56m≦R≦100m 20m≦R≦51m 10m≦R≦18m 56m≦R≦100m 47m≦R≦51m 20m≦R≦43m 10m≦R≦18m 5m≦R≦9m 20m≦R≦43m 10m≦R≦18m 5m≦R≦9m 100m≦R≦1 5m≦R≦91m 1m≦R≦4m 100m≦R≦470m 10m≦R≦91m 100m≦R≦470m 10m≦R≦91m 5m≦R≦9m 1m≦R≦4m ー ー ー ー 3m≦R≦4m ー ー ー 7m≦R≦9m ー ー ー ー ー ー ー ー ー ー ー ー ー ー ー ー ー Resistance tolerance Packaging quantity: T5(5,000pcs) Nominal resistance value Size: PRL0816, PRL1220, PRL1632, PRL3264 Series code RL 3720W T - R10 - F Resistance tolerance Temperature coefficient of resistance Nominal resistance value Size: RL3720W, RL7520W Series code T5 4,000pcs Packaging quantity Low resistance chip resistors (long-side terminal) ■ PRL / RL series ・ ・ Innovative structure that takes consideration of heat dissipation suppresses the surface temperature enabling the small sizes, reduction of the influence on surrounding components, excellent temperature cycle resistance, low ESL and low noise. PC power sources, inverters, automotive electronics, adopters, industrial machines Applications Features PRL0816 PRL1220 PRL1632 PRL3264 RL3720W RL7520W Type 0.80±0.20 1.25±0.20 1.60±0.20 3.20±0.20 2.00±0.20 2.00±0.20 0603 0805 1206 2512 1508 3008 Size (inch) L 1.60±0.20 2.00±0.20 3.20±0.20 6.40±0.20 3.75±0.30 7.50±0.30 W ー ー ー ー 0.40±0.20 0.40±0.20 a 0.20±0.10 0.35±0.15 0.45±0.15 0.90±0.15 0.40+0.20 0.40±0.20 0.40±0.10 0.50±0.10 0.50±0.10 0.50±0.10 0.50±0.20 0.50±0.20 b t Temperature coefficient of resistance 57 |
同様の部品番号 - PRL3264-R010-D-T5 |
|
同様の説明 - PRL3264-R010-D-T5 |