| データシートサーチシステム |
|
USB3FTV2AG データシート(PDF) 3 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
USB3FTV2AG データシート(HTML) 3 Page - Amphenol PCD, Inc |
|
3 / 11 page ![]() 88 Coding A Coding B Plug with reinforced USB3.0 cordset n Shell type 6 Part number type: USB3 FTV 6 x xx x CROS USB3 FTV 6 x xx x STR Plug with open reinforced USB3.0 cable n Shell type 6 Part number type: USB3 FTV 6 x xx x OPEN 2 codings available for plugs Series USB3 Field TV USB3F TV 6 A 03 G STR Shell type 6: plug (with cordset) Coding A or B Cordset length 03: 0.3 m [11.81 inches] 05: 0.5 m [19.68 inches] 10: 1 m [39.37 inches] 15: 1.5 m [59.05 inches] Shells material & finish G: aluminium shell - olive drab cadmium plating N: aluminium shell - nickel plating - ROHS compliant Type of cable * CROS: high reliability USB3 cable crossed STR: high reliability USB3 cable straight OPEN: high reliabilty USB3 cable open no plug at the end’ Examples: - plug, coding B, with 0.5m length of high reliability USB3 cable crossed, nickel plating: USB3F TV 6 B 05 N CROS - plug, coding A, with 1m length of high reliability USB3 cable straight, olive drab plating: USB3F TV 6 A 10 G STR - plug, coding B, with 0.3m length of high reliability USB3 OPEN, nickel plating: USB3F TV 6 B 03 N OPEN * IMPORTANT NOTE • for PC to PC application, use a “CROS” type of cable • for PC to peripheral application, use a “STR” type of cable See Configuration use on page 87 Part number code: plugs with cordset. Main key |