| データシートサーチシステム |
|
STM32L452VCU6P データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCU6P データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 210 page ![]() DocID029968 Rev 3 61/210 STM32L452xx Pinouts and pin description 85 --- -- 4 C2 PE5 I/O FT - TRACED2, TIM3_CH3, DFSDM1_CKIN3, TSC_G7_IO4, SAI1_SCK_A, EVENTOUT - --- -- 5 D2 PE6 I/O FT - TRACED3, TIM3_CH4, SAI1_SD_A, EVENTOUT RTC_TAMP3/WKUP3 1B71 1B2 6 E2 VBAT S - - - - 2B82 2A2 7 C1 PC13 I/O FT (1) (2) EVENTOUT RTC_TAMP1/RTC_TS/ RTC_OUT/WKUP2 3C83 3 A1 8 D1 PC14- OSC32_ IN (PC14) I/O FT (1) (2) EVENTOUT OSC32_IN 4C74 4 B1 9 E1 PC15- OSC32_ OUT (PC15) I/O FT (1) (2) EVENTOUT OSC32_OUT --- -- 10 F2 VSS S - - - - --- -- 11 G2 VDD S - - - - 5D85 5C1 12 F1 PH0- OSC_IN (PH0) I/O FT - EVENTOUT OSC_IN 6E86 6 D1 13 G1 PH1- OSC_ OUT (PH1) I/O FT - EVENTOUT OSC_OUT 7 F8 7 7 E1 14 H2 NRST I/O RST - - - - D7 8 8 E3 15 H1 PC0 I/O FT_fa - LPTIM1_IN1, I2C4_SCL, I2C3_SCL, LPUART1_RX, LPTIM2_IN1, EVENTOUT ADC1_IN1 - D5 9 9 E2 16 J2 PC1 I/O FT_fa - TRACED0, LPTIM1_OUT, I2C4_SDA, I2C3_SDA, LPUART1_TX, EVENTOUT ADC1_IN2 Table 16. STM32L452xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |