| データシートサーチシステム |
|
TL331IDBVT.A データシート(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL331IDBVT.A データシート(HTML) 14 Page - Texas Instruments |
|
14 / 27 page ![]() 6 Detailed Description 6.1 Overview The TL331 family is a single comparator with the ability to operate up to 36V on the supply pin. This standard device has proven ubiquity and versatility across a wide range of applications. This is due to its very wide supply voltages range (2V to 36V), low Iq, and fast response. The open-collector output allows the user to configure the output's logic low voltage (VOL) and can be utilized to enable the comparator to be used in AND functionality. The TL331B and TL391B are performance upgrades to standard TL331 using the latest process technologies allowing for lower offset voltages, lower input bias and supply currents and faster response time over an extended temperature range. The TL331B can drop-in replace the "I" or "K" versions of TL331. The TL391B is an alternate pinout for replacing competitive devices. 6.2 Functional Block Diagram - Input Q2 Q1 Q3 Q4 Q9 Q10 Q11 Q5 Q6 D1 D2 D3 D4 Q7 Q8 Q12 + Input Output VCC Internal Bias Itail I1 I2 Q13 Q14 ESD ESD VCM Clamp Q15 6.3 Feature Description TL331x family consists of a PNP Darlington pair input, allowing the device to operate with very high gain and fast response with minimal input bias current. The input Darlington pair creates a limit on the input common mode voltage capability, allowing TL331x to accurately function from ground to VCC – 1.5V differential input. In later revisions, a clamp was added around Q3 to mimic the outside-of-input voltage range behavior of the original classic silicon. The output consists of an open collector NPN (pull-down or low side) transistor. The output NPN will sink current when the negative input voltage is higher than the positive input voltage and the offset voltage. The VOL is resistive and will scale with the output current. Please see the "Output Low Voltage vs. Output Sinking Current" graphs in Typical Characteristics for VOL values with respect to the output current. 6.4 Device Functional Modes 6.4.1 Voltage Comparison The TL331x operates solely as a voltage comparator, comparing the differential voltage between the positive and negative pins and outputting a logic low or high impedance (logic high with pull-up) based on the input differential polarity. TL331, TL331B, TL391B SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024 www.ti.com 14 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TL331 TL331B TL391B |