| データシートサーチシステム |
|
TL331KDBVT.B データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL331KDBVT.B データシート(HTML) 7 Page - Texas Instruments |
|
7 / 27 page ![]() 5.10 Electrical Characteristics, TL331 and TL331K at specified free-air temperature, VCC = 5V (unless otherwise noted) PARAMETER TEST CONDITIONS(1) TA (3) MIN TYP MAX UNIT VIO Input offset voltage VCC = 5V to 30V, VO = 1.4V, VIC = VIC(min) 25°C 2 5 mV Full range 9 IIO Input offset current VO = 1.4V 25°C 5 50 nA Full range 250 IIB Input bias current VO = 1.4V 25°C –25 –250 nA Full range –400 VICR Common-mode input voltage range(2) Full range 0 to VCC – 1.5 V AVD Large-signal differential voltage amplification VCC = 15V, VO = 1.4V to 11.4V, RL ≥ 15 kΩ to VCC 25°C 50 200 V/mV IOH High-level output current VOH = 5V, VID = 1V 25°C 0.1 50 nA VOH = 30V, VID = 1V Full range 1 μA VOL Low-level output voltage IOL = 4mA, VID = –1V 25°C 150 400 mV Full range 700 IOL Low-level output current VOL = 1.5V, VID = –1V 25°C 6 mA ICC Supply current RL = ∞, VCC = 5V 25°C 0.4 0.7 mA (1) All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (2) The voltage at either input or common-mode must not be allowed to go negative by more than 0.3V. The upper end of the common- mode voltage range is VCC+ – 1.5V, but either or both inputs can go to 30V without damage. (3) Full range TA is –40°C to +85°C for I-suffix devices and –40°C to +105°C for K-suffix devices. 5.11 Switching Characteristics, TL331 and TL331K VCC = 5V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Response time RL connected to 5V through 5.1kΩ, CL = 15pF(1) (2) 100mV input step with 5mV overdrive 1.3 μs TTL-level input step 0.3 (1) CL includes probe and jig capacitance. (2) The response time specified is the interval between the input step function and the instant when the output crosses 1.4V. www.ti.com TL331, TL331B, TL391B SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: TL331 TL331B TL391B |