| データシートサーチシステム |
|
BU931P データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BU931P データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() BU931 BU931P HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON s VERY RUGGED BIPOLAR TECHNOLOGY s HIGH OPERATING JUNCTION TEMPERATURE s WIDE RANGE OF PACKAGES APPLICATIONS s HIGH RUGGEDNESS ELECTRONIC IGNITIONS ® INTERNAL SCHEMATIC DIAGRAM September 1999 for TO-3 Emitter: pin 2 Base: pin1 Collector: tab 1 2 3 TO-3 TO-218 1 2 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Uni t BU931 BU931P VCES Collector-Emit ter Voltage (VBE = 0) 500 V VCEO Collector-Emit ter Voltage (IB = 0) 400 V VEBO Emitter-Base Voltage (IC =0) 5 V IC Collector Current 15 A ICM Collector Peak Current 30 A IB Base Current 1 A IBM Base Peak Current 5 A Ptot Tot al Dissipation at Tc =25 oC175 135 W Tstg Storage Temperature -65 t o 200 -65 t o 175 oC Tj Max. O perat ing Junction Temperature 200 175 oC 1/7 |
同様の部品番号 - BU931P |
|
同様の説明 - BU931P |