データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24M01-RMW6TP データシート(PDF) 20 Page - STMicroelectronics

部品番号 M24M01-RMW6TP
部品情報  1 Mbit serial I짼C bus EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-RMW6TP データシート(HTML) 20 Page - STMicroelectronics

Back Button M24M01-RMW6TP Datasheet HTML 16Page - STMicroelectronics M24M01-RMW6TP Datasheet HTML 17Page - STMicroelectronics M24M01-RMW6TP Datasheet HTML 18Page - STMicroelectronics M24M01-RMW6TP Datasheet HTML 19Page - STMicroelectronics M24M01-RMW6TP Datasheet HTML 20Page - STMicroelectronics M24M01-RMW6TP Datasheet HTML 21Page - STMicroelectronics M24M01-RMW6TP Datasheet HTML 22Page - STMicroelectronics M24M01-RMW6TP Datasheet HTML 23Page - STMicroelectronics M24M01-RMW6TP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Initial delivery state
M24M01-R
20/30
4
Initial delivery state
The device is delivered with all the memory array bits set to 1 (each byte contains FFh).
5
Maximum rating
Stressing the device outside the ratings listed in Table 6 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the operating sections of this specification, is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Refer also to the STMicroelectronics SURE Program and other relevant
quality documents.
Table 6.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
see note (1)
1.
Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS)
2002/95/EU.
°C
VIO
Input or output range
–0.50
VCC + 0.6
V
VCC
Supply voltage
–0.50
6.5
V
VESD
Electrostatic discharge voltage (Human Body model)(2)
2.
AEC-Q100-002 (compliant with JEDEC Std JESD22-A114A, C1=100pF, R1=1500
Ω, R2=500Ω)
–3000
3000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30