データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24M01-RMW6TG データシート(PDF) 11 Page - STMicroelectronics

部品番号 M24M01-RMW6TG
部品情報  1 Mbit serial I짼C bus EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-RMW6TG データシート(HTML) 11 Page - STMicroelectronics

Back Button M24M01-RMW6TG Datasheet HTML 7Page - STMicroelectronics M24M01-RMW6TG Datasheet HTML 8Page - STMicroelectronics M24M01-RMW6TG Datasheet HTML 9Page - STMicroelectronics M24M01-RMW6TG Datasheet HTML 10Page - STMicroelectronics M24M01-RMW6TG Datasheet HTML 11Page - STMicroelectronics M24M01-RMW6TG Datasheet HTML 12Page - STMicroelectronics M24M01-RMW6TG Datasheet HTML 13Page - STMicroelectronics M24M01-RMW6TG Datasheet HTML 14Page - STMicroelectronics M24M01-RMW6TG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
M24M01-R
Signal description
11/30
Figure 6.
I2C bus protocol
Table 2.
Device select code
Device type identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable
address(2)
2.
E1 and E2 are compared against the respective external pins on the memory device.
A16
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device select code
1
0
1
0
E2
E1
A16
RW
Table 3.
Most significant address byte
b15
b14
b13
b12
b11
b10
b9
b8
Table 4.
Least significant address byte
b7
b6
b5
b4
b3
b2
b1
b0
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
AI00792B
STOP
Condition
1
23
7
89
MSB
ACK
START
Condition
SCL
1
23
7
89
MSB
ACK
STOP
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30