| データシートサーチシステム |
|
LP2950-33LPRE3 データシート(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2950-33LPRE3 データシート(HTML) 18 Page - Texas Instruments |
|
18 / 25 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) LP2950-30LP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type LP2950-30LPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type LP2950-30LPR ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type LP2950-30LPRE3 ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type LP2950-33LPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type LP2950-33LPRE3 ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type LP2950-50LPRE3 ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type LP2951-30D ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-30DG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-30DR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-30DRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-33D ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-33DG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-33DR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-33DRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-50D ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-50DG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-50DR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951-50DRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951D ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951DG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951DR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LP2951DRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. PACKAGE OPTION ADDENDUM www.ti.com 12-Nov-2007 Addendum-Page 1 |