| データシートサーチシステム |
|
DM160218 データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM160218 データシート(HTML) 17 Page - Microchip Technology |
|
17 / 50 page ![]() Overview 2013 Microchip Technology Inc. DS40001721A-page 17 FIGURE 1-3: ELECTRODE DIMENSIONS The Gerber data of all electrode reference designs are included in the MGC3130 Hillstar Hardware Reference package and can be downloaded from Microchip’s web site www.microchip.com/GestICGettingStarted. 1.5 MGC3130 SOFTWARE PACKAGE – AUREA GUI AND GestIC LIBRARY The MGC3130 Software Package contains all relevant system software and documentation. Hillstar Development Kit is supported by MGC3130 Software Package 0.4 and following versions. The package contains: • Aurea PC software • GestIC Library binary file • GestIC Parameterization files • Windows CDC driver • Documentation The latest MGC3130 software package can be downloaded from Microchip’s web site www.microchip.com/GestICGettingStarted. 1.6 MGC3130 SOFTWARE DEVELOPMENT KIT (SDK) The MGC3130 Software Development Kit (SDK) supports the integration of MGC3130 into a software environment. Thus, it includes a C reference code for GestIC API, a precompiled library for Windows operating systems and a demo application using the GestIC API interface. Hillstar Development Kit is supported by MGC3130 SDK 0.4 and the following versions. The latest SDK can be downloaded from Microchip’s web site www.microchip.com/GestICGettingStarted. C A E F G Tx Rx |