| データシートサーチシステム |
|
86553150TLF データシート(PDF) 20 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
86553150TLF データシート(HTML) 20 Page - Amphenol Communications Solutions |
|
20 / 23 page ![]() www.amphenol-icc.com Disclaimer Please note that the above information is subject to change without notice. D-Subminiature (D-Sub) Accessories LOCKING DEVICES & OTHER ACCESSORIES 22• FEMALE SCREW LOCKS Thread L.Max F Material Part Numbers M3 8.30 6.90 Brass 863001TLF M3 8.30 6.90 Steel 86552153TLF M3 6.30 5.00 Brass 863001017TLF M3 13.00 12.00 Brass 863001061TLF UNC 4-40 8.30 6.90 Brass 863001060TLF • Plating: Bright tin • Corrosion Resistance: 24 hours exposure to salt spray 23• SPECIFIC FEMALE SCREW LOCKS FOR DELTA D SERIES Thread L.Max F Material Part Numbers M3 4.5 3.7 Steel 863001018TLF UNC 4-40 4.5 3.7 Steel 863001019TLF Material Torque Max. (Nm) Brass 0.5 Steel 0.7 24• MALE SCREW LOCKS Shell Size Connector Type Part Numbers For use with connector without hood or with hood 2 For use with connector with hoods 18 For use with connector with hoods 6 E Male 863005ATLF 863004ATLF 863009ATLF Female A Male Female B Male Female C Male 863008ATLF Female 863005ATLF D Male 863015ATLF 863002ATLF 863025ATLF Female 863003ATLF |