| データシートサーチシステム |
|
PAXUSB00 データシート(PDF) 22 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
PAXUSB00 データシート(HTML) 22 Page - Red Lion Controls. Inc |
|
22 / 32 page ![]() 22 PAXC & I: SETPOINT RESET WHEN SPn+1 DEACTIVATES PAXC & I: SETPOINT RESET WHEN SPn+1 ACTIVATES 22 Select , so the setpoint output will deactivate (reset) when SPn +1 activates. (Example: SP1 deactivates when SP2 activates and SP4 when SP1 activates.) The last setpoint will wrap around to the first. Select , so the setpoint output will deactivate (reset) when SPn +1 activates and then times out (deactivates). This function may only be used if the SPn+1 is programmed for Setpoint Action of . (Example SP1 deactivates when SP2 is activated and then times out.) The last setpoint will wrap around to the first. (For Reverse Action, The Alarm state is opposite.) LOW ACTING WITH NO DELAY LOW ACTING WITH DELAY HIGH ACTING WITH TIMEOUT LOW ACTING WITH TIMEOUT HIGH ACTING WITH NO DELAY HIGH ACTING WITH DELAY PAXC & I: SETPOINT RESET WITH DISPLAY RESET Select , so the setpoint output will deactivate (reset) when the Setpoint Assignment () counter display resets. The only exception is if the assigned counter is reset by a Counter Auto reset generated by another setpoint. PAXR & I: SETPOINT (ALARM) FIGURES FOR RATE |