| データシートサーチシステム |
|
ADS5500MPAPREP データシート(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5500MPAPREP データシート(HTML) 14 Page - Texas Instruments |
|
14 / 39 page ![]() ADS5500-EP SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008 www.ti.com 14 Spurious-Free Dynamic Range (SFDR) The ratio of the RMS value of the analog input sine wave to the RMS value of the peak spur observed in the frequency domain. It may be reported in dBc (that is, it degrades as signal levels are lowered), or in dBFS (always related back to converter full-scale). The peak spurious component may or may not be a harmonic. Temperature Drift Temperature drift (for offset error and gain error) specifies the maximum change from the initial temperature value to the value at TMIN or TMAX. Total Harmonic Distortion (THD) The ratio of the RMS signal amplitude of the input sine wave to the RMS value of distortion appearing at multiples (harmonics) of the input, typically given in dBc Two-Tone Intermodulation Distortion Rejection The ratio of the RMS value of either input tone (f1, f2) to the RMS value of the worst third-order intermodulation product (2f1 − f2; 2f2 − f1). It is reported in dBc. |