データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1KFS020 データシート(PDF) 2 Page - Storm Interface

部品番号 1KFS020
部品情報  The practical alternative to keys
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STORMINTERFACE [Storm Interface]
ホームページ  https://www.storm-interface.com/
Logo STORMINTERFACE - Storm Interface

1KFS020 データシート(HTML) 2 Page - Storm Interface

  1KFS020 Datasheet HTML 1Page - Storm Interface 1KFS020 Datasheet HTML 2Page - Storm Interface  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FM 39602
003
AXS-DR2 Jan 2014
Designed & produced
by NIK Design
nik@nikdesign.co.uk
Whilst every effort
is made to ensure
details are correct
at time of print,
specifications are
subject to change
without notice.
Storm is a trademark of
Keymat Technology Ltd
Storm Interface is a
trading name of Keymat
Technology Ltd
Storm Interface products include technology
protected by international patents and
design registration. All rights reserved.
www.storm-interface.com
For more information & to order:
AXS-DR2 Access Control Keypad
DR2KT20
AXS-DR2i Illuminated Access Control Keypad
DR2KW20
AXS-DR2/DR2i
Accessories
Part Numbers
AXS-DR2/DR2i
SERIES
PIN Privacy
1KFS020
Shield
Strike Master
1
3
2
6
5
4
7
9
8
0
2
13
5
46
8
79
0
Remote/
Exit Switch
Door
Strike
Door/call Bell
Power
Supply
10. Remote Switch - To open door from within secure area
9. Not used
8. Door/Call Bell - Open collector gate
7. Not used
5. Door Release Relay - Relay output (normally closed)
4. Common - Relay common
3. Door Release Relay -Relay output (normally open)
2. Supply - Range 11 to 28 volts dc or 9 to 20 volts ac.
1. Return – zero volts
6. Not used
+V 0V
(Fixing hardware, sealing
gaskets and comprehensive
installation / operating
instructions are included)
Scan code for a programming
guide and detailed installation
instructions or download from:
http://www.storm-interface.com/download.aspx
The Storm AXS StrikeMaster, Single Door Keypad,
is ideally suited for access control in outdoor and
indoor locations. It is impact resistant and sealed
against water and dust to IP65.
All Storm AXS Keypads incorporate proven Storm
switching technology to ensure rapid, reliable and
responsive data entry. Specified to survive in a variety
of service environments, ranging from exposed,
unsupervised public environments, to general service /
indoor installations. Keypads in the Storm AXS range
are dimensionally and electrically interchangeable. This
allows users, entering codes at both outdoor and
indoor access points to establish and maintain
familiarity with the keypad features. Applications
requiring two door control or alarm and door
monitoring functions require the Storm AXS
StrikeMaster DE Keypads.
Storm AXS-DR2
keypad connection details
2
13
5
8
79
0
Exit
Button
Bell Relay
Door
Strike
Power
Supply
8. Exit button
7. Exit button
5. Release Relay - Relay output (normally closed)
4. Common - Relay common
3. Release Relay - Relay output (normally open)
2. Supply - 12 V DC
1. Return - Zero volts
6. Bell output
+V 0V
Storm AXS-DR2i illuminated
keypad connection details



Html Pages

1 2