データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PBAM1AFB002D2D データシート(PDF) 5 Page - APEM

部品番号 PBAM1AFB002D2D
部品情報  Piezo switches Ø 30 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APEM [APEM]
ホームページ  www.apem.com
Logo APEM - APEM

PBAM1AFB002D2D データシート(HTML) 5 Page - APEM

  PBAM1AFB002D2D Datasheet HTML 1Page - APEM PBAM1AFB002D2D Datasheet HTML 2Page - APEM PBAM1AFB002D2D Datasheet HTML 3Page - APEM PBAM1AFB002D2D Datasheet HTML 4Page - APEM PBAM1AFB002D2D Datasheet HTML 5Page - APEM PBAM1AFB002D2D Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APEM
www.apem.com
5
New!
PBA series
Piezo switches Ø 30 mm
Options
ELECTRICAL FUNCTION
A
NO pulse
TERMINALS
F
Flying leads
C
Cable
FICHIER: CPBACO
le 25/11/08
ECHELLE: 0.7
indice A
CPBACO1-A
(.100)
2.54
2.80
(.110)
CPBACO2-A
CPBACO3-A
2
0.22mm
0.22mm
2
2
0.22mm
0.64
(.025)
CASE COLOURS
/ MATERIALS
RATINGS
002
1 A 24 VAC or DC
0
Natural anodized aluminium
1
Blue anodized aluminium
2
Black anodised aluminium
Code
Colour
3
Green anodized aluminium
5
Gold anodized aluminium
6
Red anodised aluminium
Code
Colour
B
Stainless steel 316L
Code
Colour
Bold = standard
LED VOLTAGE
Blank
: non-illuminated
C
5 VDC
D
12 VDC
E
24 VDC



Html Pages

1 2 3 4 5 6