| データシートサーチシステム |
|
CDCE706PW.B データシート(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCE706PW.B データシート(HTML) 13 Page - Texas Instruments |
|
13 / 46 page ![]() M0053-01 1 7 1 1 8 1 1 S S Slave Address Wr A DataByte A P StartCondition Sr RepeatedStartCondition Rd Read(BitValue=1) Wr Write(BitValue=0) A Acknowledge(ACK=0andNACK=1) P StopCondition PE PacketError Master-to-Slave Transmission Slave-to-Master Transmission CDCE706 www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 Figure 6. Generic Programming Sequence Byte-Write Programming Sequence 1 7 1 1 8 1 8 1 1 S Slave Address Wr A CommandCode A Data Byte A P Figure 7. Byte-Write Protocol Byte-Read Programming Sequence 1 7 1 1 8 1 1 7 1 1 S Slave Address Wr A CommandCode A S Slave Address Rd A 8 1 1 Data Byte A/NA P Acknowledge/Not Acknowledge Figure 8. Byte-Read Protocol Block-Write Programming Sequence(1) 1 7 1 1 8 1 8 1 S Slave Address Wr A CommandCode A Byte Count N A 8 1 8 1 8 1 1 Data Byte 0 A Data Byte 1 A - - - - - Data Byte N – 1 A P (1) Data Byte 0 is reserved for revision code and vendor identification. However, this byte is used for internal test. Do not write into it other than 0000 0001. Figure 9. Block-Write Protocol Copyright © 2005–2008, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Link(s): CDCE706 |