データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F271Z1Q3 データシート(PDF) 49 Page - STMicroelectronics

部品番号 ST10F271Z1Q3
部品情報  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1Q3 データシート(HTML) 49 Page - STMicroelectronics

Back Button ST10F271Z1Q3 Datasheet HTML 45Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 46Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 47Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 48Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 49Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 50Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 51Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 52Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 185 page
background image
ST10F271Z1
Central processing unit (CPU)
49/185
CoLOAD(-,2)
Load accumulator with operands
CoMAC(R,u,s,-,rnd)
(Un)Signed/(un)signed multiply-accumulate & optional round
CoMACM(R)(u,s,-,rnd)
(Un)Signed/(un)Signed multiply-accumulate with parallel data move
& optional round
CoMAX / CoMIN
Maximum / minimum of operands and accumulator
CoMOV
Memory to memory move
CoMUL(u,s,-,rnd)
(Un)Signed/(un)signed multiply & optional round
CoNEG(rnd)
Negate accumulator & optional round
CoNOP
No-operation
CoRND
Round accumulator
CoSHL / CoSHR
Accumulator logical shift left / right
CoSTORE
Store a MAC unit register
CoSUB(2,R)
Substraction
Table 27.
MAC instruction set summary (continued)
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More